Part Number Hot Search : 
53120 P202K UPG2009 AK8855 UF30M T04CO 1212S NSC5136D
Product Description
Full Text Search
 

To Download R4632 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PHOTOMULTIPLIER TUBE
R4632
For Single Photon Counting, Dark Counts 50cps Typ. at 25C For Extremely Low Light Level Detection 28mm (1-1/8 Inch) Diameter, 9-stage, Multialkali Photocathode, Side-On Type 185 to 850nm Spectral Response
GENERAL
Parameter Spectral Response Wavelength of Maximum Response Material Photocathode Minimum Effective Area Window Material Structure Dynode Number of Stages Direct Interelectrode Anode to Last Dynode Capacitances Anode to All Other Electrodes Base Weight Suitable Socket Suitable Socket Assembly Description/Value 185 to 850 430 Multialkali 8 x 24 UV glass Circular-cage 9 Approx. 4 Approx. 6 JEDEC No. B11-88 Approx. 45 E678-11A (option) E717-21, E717-37 (option) Unit nm nm -- mm -- -- -- pF pF -- g -- --
MAXIMUM RATINGS (Absolute Maximum Values)
Supply Voltage Average Anode Current Ambient Temperature Parameter Between Anode and Cathode Between Anode and Last Dynode Value 1250 250 0.1 -80 to +50 Unit Vdc mA C
CHARACTERISTICS (at 25C)
Parameter Luminous (2856K) at 400nm at 500nm at 600nm at 700nm at 800nm Min. 140 -- -- -- -- -- 0.1 -- 300 -- -- -- -- -- -- Typ. 200 23.7 18.3 10.7 2.7 0.56 0.15 7.5 700 3.5 x 106 50 0.2 2.2 22 1.2 Max. -- -- -- -- -- -- -- -- -- -- 100 1 -- -- -- Unit A/lm
Cathode Sensitivity
Quantum Efficiency
%
Anode Sensitivity Gain Dark Counts * Anode Dark Current (after 30min. storage in darkness) Anode Pulse Rise Time Time Response Electron Transit Time Transit Time Spread (T.T.S.) * Measured at the voltage producing the gain of 1 x 106
Red/White Ratio Blue (CS-5-58 filter) Luminous (2856K)
-- A/lm-b A/lm -- cps nA ns
VOLTAGE DISTRIBUTION RATIO AND SUPPLY VOLTAGE
Electrodes K Dy1 Dy2 Dy3 Dy4 Dy5 Dy6 Dy7 Dy8 Dy9 P Ratio 1 1 1 1 1 1 1 1 1 1 Supply Voltage: 1000Vdc, K: Cathode, Dy: Dynode, P: Anode
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office. Information furnished by HAMAMATS U is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c) 1998 Hamamatsu Photonics K.K.
PHOTOMULTIPLIER TUBE R4632
Figure 1: Typical Spectral Response
TPMSB0161EA
Figure 2: Anode Luminous Sensitivity and Gain Characteristics
TPMHB0434EB
100 CATHODE RADIANT SENSITIVITY 10 QUANTUM EFFICIENCY
104
108
CATHODE RADIANT SENSITIVITY (mA/W) QUANTUM EFFICIENCY (%)
ANODE LUMINOUS SENSITIVITY (A/lm)
103
102
1
101
Y N IT IV SE IN IT A G NS NO AL SE L A PIC DE CA TY NO PI A TY UM IM IN M DE
T SI
IV
IT
Y
107
106
105
0.1
100
104
0.01 200
300
400
500
600
700
800
900
1000
10-1 500
600
800
1000
103 1500
WAVELENGTH (nm)
SUPPLY VOLTAGE (V)
Figure 3: Dimensional Outline and Basing Diagram (Unit: mm)
28.5 1.5 8MIN.
Figure 4: Optional Accessory (Unit: mm) D Type Socket Assembly E717-21
T9 BULB PHOTOCATHODE
PMT 5 3.5 33.0 0.3 P
SOCKET PIN No. 10
R10 DY9 38.0 0.3 49.0 0.3 4.8 29 DY8 DY7 DY6 DY5 31.0 0.5 HOUSING (INSULATOR) DY4 DY3 DY2 POTTING COMPOUND DY1 K 9 R9 8 R8 7 R7 6 5 4 R4 3 R3 2 R2 1 R1 11
C3 C2 C1
SIGNAL GND SIGNAL OUTPUT RG-174/U (BLACK) POWER SUPPLY GND AWG22 (BLACK)
DY5 24MIN. DY4 4 80MAX. DY3 3 94MAX. DY2 2
5
DY6 6
7
DY7 8 DY8 9 DY9 10 P
49.0 2.5
1
11 K
L
R6 R to R10 : 330k C1 to C3 : 0.01F R5
DY1
DIRECTION OF LIGHT
450 10
32.2 0.5 11 PIN BASE JEDEC No. B11-88
-HV AWG22 (VIOLET)
TPMSA0008EA
* MHV/BNC connector type E717-37 is also available.
TACCA0002ED
HAMAMATSU PHOTONICS K.K., Electoron Tube Center 314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limted: Lough Point, 2 Gladbeck Way, Windmill Hill, Enfield, Middlesex EN2 7JA, United Kingdom, Telephone: (44)181-367-3560, Fax: (44)181-367-6384 North Europe: Hamamatsu Photonics Norden AB: Farogatan 7, S-164-40 Kista Sweden, Telephone: (46)8-703-29-50, Fax: (46)8-750-58-95 Italy: Hamamatsu Photonics Italia: S.R.L.: Via Della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)2-935 81 733, Fax: (39)2-935 81 741
TPMS1046E01 JUN. 1998
GAIN


▲Up To Search▲   

 
Price & Availability of R4632

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X